PART |
Description |
Maker |
FCPF7N60NT |
N-Channel SupreMOS? MOSFET 600 V, 6.8 A, 520 mΩ N-Channel SupreMOSMOSFET 600V, 6.8A, 520m
|
Fairchild Semiconductor
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
IRFBC40S IRFBC40L IRFBC40STRR IRFBC40STRL |
600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A) Power MOSFET(Vdss=600V Rds(on)=1.2ohm Id=6.2A) CAP CER 1500PF 100V 20% X7R 0603 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STB6LNC60 |
N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh⑩II MOSFET N沟道600V 1ohm - 5.8A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMeshII MOSFET N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP6N60C FQPF6N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|